PART |
Description |
Maker |
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
BY229-200 BY229-800 BY229 BY229-400 BY229-600 BY22 |
Rectifier diodes fast, soft-recovery 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC DIODE FAST RECOVERY 1ST HEX SCHMITT inverter 3 to 8 line decoder Rectifier diodes fast, soft-recovery(快速,软恢复整流二极管) Octal bus buffer with 3 state outputs (inverted) Rectifier diodes fast/ soft-recovery
|
NXP Semiconductors N.V. Philips Semiconductors
|
SD803C04S10C SD803C08S10C SD803C10S10C SD803C12S15 |
800V Fast Recovery Diode in a B-43 (E-Puk) package 1000V Fast Recovery Diode in a B-43 (E-Puk) package 1200V Fast Recovery Diode in a B-43 (E-Puk) package 1400V Fast Recovery Diode in a B-43 (E-Puk) package 1600V Fast Recovery Diode in a B-43 (E-Puk) package
|
International Rectifier
|
R6030835 R6021435 R6021235 R6021035 R6031035 R6031 |
FAST RECOVERY RECTIFIER 350 A, 1600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 400 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 800 V, SILICON, RECTIFIER DIODE, DO-9 Fast Recovery Rectifier (350Amperes Average 1600 Volts) 快速恢复整流器350安培平均1600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc. POWEREX INC
|
40EPF06 40EPF02 40EPF04 |
600V Fast Recovery Diode in a TO-247AC (2-Pin) package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 200V Fast Recovery Diode in a TO-247AC (2-Pin) package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
20ETF02S 20ETF02STRL 20ETF02STRR 20ETF04S 20ETF06S |
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE FAST SOFT RECOVERY 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE 软恢复表面贴装快速整流二极管
|
International Rectifier, Corp.
|
SD3553C SD3553C15S20K SD3553C20S20K SD3553C25S20K |
2500V Fast Recovery Diode in a B-44 (R-Puk) package 2000V Fast Recovery Diode in a B-44 (R-Puk) package 1600V Fast Recovery Diode in a B-44 (R-Puk) package FAST RECOVERY DIODES
|
International Rectifier
|
10ETF12FP 10ETF10FP |
1200V Fast Recovery Diode in a TO-220 FullPak package 1000V Fast Recovery Diode in a TO-220 FullPak package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
SD553C..S50LSERIES 2642 SD553C40S50L SD553C30S50L |
3000V Fast Recovery Diode in a DO-200AB (B-Puk) package 4000V Fast Recovery Diode in a DO-200AB (B-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
TFR1N TFR1T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (fast recovery)
|
TOSHIBA
|